Part Number Hot Search : 
DE1108 A0512 SMCJ24 MB16M KA22130 32018 MAX5237 0BGXC
Product Description
Full Text Search
 

To Download JA1210ML180A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VA R I S T O RS
Automotive
Series
Multilayer Ceramic Automotive Transient Voltage Suppressor Standard Capacity Features
Thin layer, high precise techniques Leadless, Surface chip form Variety of energy ratings available No temperature derating up to 125C ambient High surge current capacity Stable protection level,mini. Leakage current Inherent bidirectional clamping Available with Nickel/Tin end termination No plastic or epoxy coating assures better than 94v-0 flammability rating
Specifications
Packaging
Tape and Reel T 7 inch reel (Note)
M a t e r i al
Body: Terminals: Ceramic (ZnO) Ni/Sn plated (code "P") Ag/Pt/Pd non plated (code "N" on request)
Dimensions
a
Operating Te m p e r a t u r e
-55 to +125C
Applications
L
Solderability
acc. to IEC 60068-2-58 235C, 2s
* Absorption of switching surge from various kinds of relayBtrumpet Bmotors and electro-magnetic valves. *Electrostatic discharge and spike noise suppression.
S o l d e r i n g H e a t Resistanc e
260C, 10 sec. (IEC 60068-2-58) 280C, 5 sec. (IEC 60068-2-58)
T W
*Protect the electronic systems such as antilock brake systems Bdirect ignition systems Bengine contr lBairbag control o systems B wiper motor control and semiconductors of automobile.
Response Ti m e
1-5ns
Temperatur e coefficient (V) of clamping voltage (Vc) @ specified test current
<0.01%/C
Power dissipation
1.0W max.
S t a n d a r ds
MIL-STD-750
Type
max. cont. working voltage VM(DC) (V)
Maximum Ratings (125C) Specificatio ns (25C)
Jump start voltage max. (5minutes) V JUMP (V)
24.5 24.5 24.5 24.5 24.5 24.5 50.0
Specifications (25C)
max. clamping voltage at spec. current (8/20 s) VC (V@A)
40 @ 40 @ 40 @ 40 @ 40 @ 77 @ 1. 5 1.5 1.5 5 10 10
load dump energy (10 pulses) W (J)
1.0 1.5 3.0 6.0 25.0 30.0
LD
nominal v a r i s t o r voltage at 10mA (DC) test current VN(DC)min. (V)
23.0 23.0 23.0 23.0 23.0 48.5
typ. capacitance 1KHz 1MHz . . C typ. C typ. (pF) (pF)
760 1070 3215 5300 1320 4720 0 650 900 2700 4500 1100 4000
typ. inductance
VN ( D C ) m a x . (V)
32 . 0 32 . 0 32 . 0 32 . 0 32 . 0 56,0
Ltyp. (nH)
1.5 1.8 1.8 2.5 3, 0 3, 0
JA0805ML180A JA1206ML180A JA1210ML180A JA1812ML180A JA2220ML180A JA2220ML380A
18 18 18 18 18 18 38
Orde r Information
Qty.
OrderNumbe r
Ty pe JA0 8 0 5 ML1 8 0
Terminal Code A
P
Packaging
T
Specifications are subject to change without notice
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com
VA R I S T O RS
Automotive
V/I Characteristics Curves

Series

100
JA0805ML180A JA1206ML180A JA1210ML180A
JA2220ML380A
JA1812ML180A JA2220ML180A
()
0805/1206/1210
10
1812 2220
11
1 0
100
1mA 10 100mA CURRENT (I)
1A
10
100A 1000A
M a x i m u m L e a k a g e C u r r e n t / C l a m p i n g V o l t a g e C u r v e f o r A u t o m o t i v e S e r i e s a t 2 5 J
VOLTAGE (V)
100
10
-4 0 25
85
1
125
1
1 0
100
1mA 10 CURRENT (I)
1 0 0 m A 1A
10
100A 1000A
Typical V-I Characteristics of The JA2220ML180A at -40
, 25
, 8 5 and 1 25
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com


▲Up To Search▲   

 
Price & Availability of JA1210ML180A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X